Part Number Hot Search : 
SNC15061 B8504 SRS1620 FALDM400 M62417SP M6650 ICS840 L7387
Product Description
Full Text Search
 

To Download T10C110B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 T10C SIDACtor(R) Device
RoHS
The bi-directional T10C devices are a through-hole technology SIDACtor protector. It is intended for cost-sensitive telecommunication applications. The three-terminal configuration matches G.D.T. pin configuration; for plug-in applications, the T10C fits in the KRONETM three-point connector block (5B). This T10 SIDACtor series enables equipment to comply with various regulatory requirements including GR 1089, ITU K.20, K.21, and K.45, IEC 60950, UL 60950, and TIA968-A (formerly known as FCC Part 68). For primary protection applications, integrated failsafe options are available.
Electrical Parameters
pF Pin 1-2 / 3-2 Tip-Ground, Ring-Ground TYP 110 110 90 90 83 83 77 77 74 74 68 68 pF Pin 1-3 Tip-Ring TYP 61 61 51 51 48 48 44 44 42 42 38 38
1 (T) 3 (R) 2 (G)
Part Number * T10C080B T10C080E T10C110B T10C110E T10C140B T10C140E T10C180B T10C180E T10C220B T10C220E T10C270B T10C270E
VDRM @ 5 A Volts 80 80 105 105 140 140 175 175 214 214 270 270
VS Volts 120 120 135 135 170 170 210 210 265 265 360 360
VT Volts 4 4 4 4 4 4 4 4 4 4 4 4
IS mAmps 800 800 800 800 800 800 800 800 800 800 800 800
IH mAmps 120 180 120 180 120 180 120 180 120 180 120 180
* For failsafe option, add "F" at end of part number. See Section 9, "Mechanical Data" for mechanical view of failsafe option. For surge ratings, see table below. General Notes: * All measurements are made at an ambient temperature of 25 C. IPP applies to -40 C through +85 C temperature range. * IPP is a repetitive surge rating and is guaranteed for the life of the product. * Listed SIDACtor devices are bi-directional. All electrical parameters and surge ratings apply to forward and reverse polarities. * VDRM is measured at IDRM across Pins 1-2 / 3-2. * VS is measured at 0.5 V/s across Pins 1-2 / 3-2. * Special voltage (VS and VDRM) and holding current (IH) requirements are available upon request.
Surge Ratings in Amps
IPP 8x20 * 1.2x50 ** Series C * Current waveform in s ** Voltage waveform in s Amps 250 5x310 * 10x700 ** Amps 125 10x1000 * 10x1000 ** Amps 100 ITSM 50 / 60 Hz Amps 50 di/dt Amps/s 100
Telecom Design Guide * (c) 2006 Littelfuse
3 - 29
www.littelfuse.com
SIDACtor Devices
T10C SIDACtor(R) Device
Thermal Considerations
Package [T10C] Symbol TJ TS RJA Parameter Operating Junction Temperature Range Storage Temperature Range Thermal Resistance: Junction to Ambient Value 150 -40 to +150 60 Unit C C C/W
+I
IPP - Peak Pulse Current - %IPP
tr = rise time to peak value td = decay time to half value
IT IS IH IDRM -V VT VDRM VS +V
100
Peak Value
Waveform = tr x td
50
Half Value
0 0 tr td t - Time (s)
-I
V-I Characteristics tr x td Pulse Waveform
Percent of VS Change - %
10
IH (TC = 25 C)
14 12 8 6 4 2 0 -4 -6 -8 -40 -20 0 20 40 60 80 100 120 140 160
2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 -40 -20 0 20 40 60 80 100 120 140 160
IH
25 C
25 C
Ratio of
Case Temperature (TC) - C
Junction Temperature (TJ) - C
Normalized VS Change versus Junction Temperature Normalized DC Holding Current versus Case Temperature
www.littelfuse.com
3 - 30
(c) 2006 Littelfuse * Telecom Design Guide


▲Up To Search▲   

 
Price & Availability of T10C110B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X